Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download 1N6139A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6138A QPL 1500 Watt Axial Leaded TVS
Thru
1N6173A
TEL:805-498-2111 FAX:805-498-3804 DESCRIPTION
The 1N61xx series of transient voltage suppressors are designed to protect military and commercial electronic equipment from overvoltages caused by lightning, ESD, EFT, inductive load switching, and EMP. These devices are constructed using two p-n junction TVS diodes in a back-toback configuration, hermetically sealed in a voidless glass package. The hermetically sealed package provides high reliability in harsh environmental conditions. TVS diodes are further characterized by their high surge capability, low operating and clamping voltages, and a theoretically instantaneous response time. This makes them ideal for use as board level protection for sensitive semiconductor components.
FEATURES:
* * * * * *
1500 Watts Peak Pulse Power (tp = 10/1000s) Voidless hermetically sealed glass package Metallurgically bonded High surge capacity Military & Industrial applications Available in JAN, JTX, and JTXV versions per MIL-S-19500/516
MECHANICAL CHARACTERISTICS:
* * *
Hermetically sealed glass package Tinned copper leads Marking : P/N, date code, logo
MAXIMUM RATINGS
RATING Peak Pulse Power (tp = 10 x 1000s) Operating Temperature Storage Temperature Steady-State Power Dissipation @ TL = 75C (3/8") SYMBOL Ppk Tj Tstg PD VALUE 1500 -65 to +175 -65 to +175 5 UNIT Watts C C Watts
ELECTRICAL CHARACTERISTICS @ 25C (unless otherwise specified)
DEVICE TYPE REVERSE STAND-OFF VOLTAGE VRWM 1N6138A 1N6139A 1N6140A 1N6141A 1N6142A 1N6143A 1N6144A 1N6145A 1N6146A 1N6147A 1N6148A 1N6149A 1N6150A 1N6151A 1N6152A 1N6153A 1N6154A 1N6155A 1N6156A 1N6157A 1N6158A 1N6159A 1N6160A 1N6161A 1N6162A 1N6163A 1N6164A 1N6165A 1N6166A 1N6167A 1N6168A 1N6169A 1N6170A 1N6171A 1N6172A 1N6173A (V) 5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 REVERSE LEAKAGE CURRENT IR (A) 500 300 100 100 100 20 20 20 20 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MINIMUM BREAKDOWN VOLTAGE VBR @ IT (V) 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114.0 123.5 142.5 152.0 171.0 190.0 TEST CURRENT IT (mA) 175 175 150 150 125 125 100 100 75 75 65 65 50 50 50 40 40 30 30 30 25 25 20 20 20 20 15 15 12 12 10 10 8 8 5 5 MAXIMUM CLAMPING VOLTAGE VC @ IPP (V) 10.5 11.2 12.1 13.4 14.5 15.6 16.9 18.2 21.0 22.3 25.1 27.7 30.5 33.3 37.4 41.6 45.7 49.9 53.6 59.1 64.6 70.1 77.0 85.3 97.1 103.1 112.8 125.1 137.6 151.3 165.1 178.8 206.3 218.4 245.7 273.0 PEAK PULSE CURRENT Ipp tp = 1mS (A) 142.8 133.9 124.0 111.9 103.4 96.2 88.8 82.4 71.4 67.3 59.8 54.2 49.2 45.0 40.1 36.0 32.8 30.1 28.0 25.4 23.2 21.4 19.5 17.6 15.4 14.5 13.3 12.0 10.9 9.9 9.1 8.4 7.3 6.9 6.1 5.5 TEMPERATURE COEFFICIENT OF VBR Vz % / C 0.05 0.06 0.06 0.06 0.07 0.07 0.07 0.08 0.08 0.08 0.085 0.085 0.085 0.09 0.09 0.09 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.105 0.105 0.105 0.110 0.110 MAXIMUM REVERSE LEAKAGE CURRENT (Ir2) TA=+150C (A) 12000 3000 2000 1200 800 800 600 600 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400
1. Non-A Part has 5% higher clamping voltage, 5% lower minimum breakdown voltage, and 5% lower peak pulse current.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1N6138A QPL 1500 Watt Axial Leaded TVS
Thru
1N6173A
TEL:805-498-2111 FAX:805-498-3804 PEAK PULSE POWER vs. PULSE TIME
100
10x1000s IMPULSE WAVEFORM
Ppp - Peak Pulse Power (kW)
10
1
0.1 0.1 1 10 100 1000 10000 Pulse Duration (us)
STEADY STATE DERATING CHARACTERISTICS FOR FREE AIR MOUNTING
PULSE DERATING CURVE
100
3.5
3
Pp or Ipp in % of max ratings
Pulse conditions as defined by 10 X 1000us impulse waveform
2.5
2
MAX. POWER (W)
60
1.5
40
1
0.5
20
0 0 20 40 60 80 100 120 140 160 180
AMBIENT TEMPERATURE (TA) IN degC
0
0
40
80 Tj (oC)
120
160
200
MECHANICAL OUTLINE
SCHEMATIC
B A
DIM
N
DIMENSIONS INCHES MM NOTE MIN MAX MIN MAX
0.135 0.900 0.140 0.036 0.185 1.300 0.255 0.042 3.40 22.86 3.5 0.91 4.70 33.02 6.6 1.07 2
C
A B C D
D
B
NOTES : 1. Controlling dimension is inches. 2. Includes uncontrolled area of device leads.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of 1N6139A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X